PART |
Description |
Maker |
ST62E65B ST62T60B ST62T63B ST62T65B ST62T81 ST62E4 |
Gang Programmers for ST62 MCU Family(ST62绯诲????绋??) Gang Programmers for ST62 MCU Family(ST62系列的编程器) 为ST62微控制器系列(ST62系列的编程器编程钢) EPROM PROGRAMMING BOARDS FOR ST62 MCU FAMILY
|
STMicroelectronics N.V. 意法半导 http:// STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
PIC16C66X 30457A |
EPROM Memory Programming Specification From old datasheet system
|
Microchip
|
AM27C040 AM27C040-120 AM27C040-120DCB AM27C040-120 |
4 Megabit (512 K x 8-Bit) CMOS EPROM SEAL,NEOPRENE,CYLINDRICAL CONNECTR& 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 120 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 4兆位12亩8位)的CMOS存储 Dual 4-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 150 ns, CDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 512K X 8 OTPROM, 120 ns, PDIP32 8-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-PDIP 0 to 70 4兆位12亩8位)的CMOS存储 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 150 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 120 ns, PQCC32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 UVPROM, 90 ns, CDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PDIP32 4 Megabit (512 K x 8-Bit) CMOS EPROM 512K X 8 OTPROM, 90 ns, PQCC32 MEMORY KEY, USBFTV, SEALED, 1GB; Colour:Green; Series:USB FTV RoHS Compliant: No
|
ADVANCED MICRO DEVICES INC Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
M27W102 |
1Mbit (64Kb x 16) Low Voltage UV EPROM and OTP EPROM(1Mb低压UV EPROM和OTP EPROM)
|
意法半导
|
M27W400 M27W400-100B6TR M27W400-100F6TR M27W400-10 |
4 Mbit (512Kb x8 or 256Kb x16), Low Voltage UV EPROM and OTP EPROM 512K X 8 UVPROM, 100 ns, CDIP40 4 Mbit 512Kb x8 or 256Kb x16 Low Voltage UV EPROM and OTP EPROM 4兆位512KB的x856Kb的x16低压紫外线可擦写可编程只读存储器和OTP存储 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
|
SGS Thomson Microelectronics STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
M27C1024-10XF7 M27C1024-12XF7 M27C1024-15XF7 M27C1 |
1-Mbit (64Kb x16) UV EPROM, 100ns 1-Mbit (64Kb x16) UV EPROM, 120ns 1-Mbit (64Kb x16) UV EPROM, 150ns 1-Mbit (64Kb x16) UV EPROM, 200ns 1-Mbit (64Kb x16) UV EPROM, 35ns 1-Mbit (64Kb x16) UV EPROM, 45ns 1-Mbit (64Kb x16) UV EPROM, 55ns 1-Mbit (64Kb x16) UV EPROM, 70ns 1-Mbit (64Kb x16) UV EPROM, 80ns 1-Mbit (64Kb x16) UV EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 120ns 1-Mbit (64Kb x16) OTP EPROM, 70ns 1-Mbit (64Kb x16) OTP EPROM, 90ns 1-Mbit (64Kb x16) OTP EPROM, 55ns 1-Mbit (64Kb x16) OTP EPROM, 45ns 1-Mbit (64Kb x16) OTP EPROM, 35ns 1-Mbit (64Kb x16) OTP EPROM, 150ns 1-Mbit (64Kb x16) OTP EPROM, 100ns
|
SGS Thomson Microelectronics
|
M27V101 |
NND - 1 MBIT (128KB X8) LOW VOLTAGE UV EPROM & OTP EPROM
|
ST Microelectronics
|
M27V160-100K1 |
16 MBIT (2MB X8 OR 1MB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|
M27V322 7067 M27V322-100B1 M27V322-100F1 M27V322-1 |
From old datasheet system 32 MBIT (2MB X16) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics STMicroelectronics
|
HN27C101G HN27C101AG-17 |
IC EPROM UV 1MBIT 128K x 8 170NS 32CDIP 131072 word x 8 Bit CMOS UV EPROM
|
Renesas Technology / Hitachi Semiconductor
|
M27W80106 M27W801-200N6TR M27W801 M27W801-100B6TR |
8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM
|
STMICROELECTRONICS[STMicroelectronics]
|
M27W401-80B6 |
4 MBIT (512KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM
|
ST Microelectronics
|